PART |
Description |
Maker |
SG2XXXJ SG2XXXJ_883B SG2000 JAN2001J JAN2004J SG2X |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
|
Microsemi Corporation
|
BR02-17 |
High Voltage Medium and High Current Diodes
|
GETAI ELECTRONICS DEVIC...
|
CL03-08 CL03-08-1 |
High Voltage Medium Current Fast Recovery Diode
|
GETAI ELECTRONICS DEVIC...
|
CL03-12 CL03-12-17 |
High Voltage Medium Current Fast Recovery Diode
|
GETAI ELECTRONICS DEVIC...
|
S2600B S2600M S2600D S2600N S26.0B S26.0N S26.0D S |
HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS 中型高压电流可控硅整流装
|
List of Unclassifed Manufacturers ETC[ETC] ETC [ETC] Electronic Theatre Controls, Inc.
|
LM337M_D LM337M LM337MT ON0311 LM337M/D |
Three-Terminal Adjustable Output Negative Voltage Regulator MEDIUM CURRENT THREE-ERMINAL MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR MEDIUM CURRENT THREE.TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR From old datasheet system
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP |
Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LB1231 LB1233 LB1232 LB1234 |
High-Voltage, Large Current Darligton Transistor Array High-Voltage, High- Current Darlington Transistor Array PERIPHERAL DRIVER,7 DRIVER,BIPOLAR,DIP,16PIN,PLASTIC Septuple Peripheral Driver From old datasheet system High-Voltage / High- Current Darlington Transistor Array
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp Sanyo Electric Co.,Ltd.
|